Part Number Hot Search : 
GETG0105 HER103 BUK7Y RST160 000950 INDY2200 SD200 24006
Product Description
Full Text Search
 

To Download MC3320106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC33201, MC33202, MC33204, NCV33202, NCV33204 Low Voltage, Rail-to-Rail Operational Amplifiers
The MC33201/2/4 family of operational amplifiers provide rail-to-rail operation on both the input and output. The inputs can be driven as high as 200 mV beyond the supply rails without phase reversal on the outputs, and the output can swing within 50 mV of each rail. This rail-to-rail operation enables the user to make full use of the supply voltage range available. It is designed to work at very low supply voltages ( 0.9 V) yet can operate with a supply of up to +12 V and ground. Output current boosting techniques provide a high output current capability while keeping the drain current of the amplifier to a minimum. Also, the combination of low noise and distortion with a high slew rate and drive capability make this an ideal amplifier for audio applications.
http://onsemi.com
PDIP-8 P, VP SUFFIX CASE 626 1 SOIC-8 D, VD SUFFIX CASE 751
8
8 1
* Low Voltage, Single Supply Operation * * * * * * * * * *
(+1.8 V and Ground to +12 V and Ground) Input Voltage Range Includes both Supply Rails Output Voltage Swings within 50 mV of both Rails No Phase Reversal on the Output for Over-driven Input Signals High Output Current (ISC = 80 mA, Typ) Low Supply Current (ID = 0.9 mA, Typ) 600 W Output Drive Capability Extended Operating Temperature Ranges (-40 to +105C and -55 to +125C) Typical Gain Bandwidth Product = 2.2 MHz NCV Prefix for Automotive and Other Applications Requiring Site and Control Changes Pb-Free Packages are Available
8
1
Micro8] DM SUFFIX CASE 846A
PDIP-14 P, VP SUFFIX CASE 646 14 1 SOIC-14 D, VD SUFFIX CASE 751A
14
1
14 1
TSSOP-14 DTB SUFFIX CASE 948G
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 10 of this data sheet.
DEVICE MARKING INFORMATION
See general marking information in the device marking section on page 12 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2006
October, 2006 - Rev. 14
1
Publication Order Number: MC33201/D
MC33201, MC33202, MC33204, NCV33202, NCV33204
PIN CONNECTIONS
MC33201 All Case Styles
NC 1 2 Inputs 3 VEE 4 6 5 Output NC Inputs 2 8 7 NC VCC Output 1 1 2 Inputs 1 3
1 4
MC33204 All Case Styles
14 Output 4 13 12 11 10
2 3
Inputs 4 VEE Inputs 3 Output 3
VCC 4 5 6
(Top View) MC33202 All Case Styles
Output 1 1 2 Inputs 1 3 VEE 4
2 1
9 8
Output 2 7
(Top View)
VCC Output 2
8 7 6
Inputs 2 5
(Top View)
VCC
VCC VCC Vin -
VEE
Vout
Vin +
VCC
VEE
This device contains 70 active transistors (each amplifier).
Figure 1. Circuit Schematic (Each Amplifier)
http://onsemi.com
2
MC33201, MC33202, MC33204, NCV33202, NCV33204
MAXIMUM RATINGS
Rating Supply Voltage (VCC to VEE) Input Differential Voltage Range Common Mode Input Voltage Range (Note 2) Output Short Circuit Duration Maximum Junction Temperature Storage Temperature Maximum Power Dissipation Symbol VS VIDR VCM ts TJ Tstg PD Value +13 Note 1 VCC + 0.5 V to VEE - 0.5 V Note 3 +150 - 65 to +150 Note 3 Unit V V V sec C C mW
DC ELECTRICAL CHARACTERISTICS (TA = 25C)
Characteristic Input Offset Voltage VIO (max) MC33201 MC33202, NCV33202 MC33204, NCV33204 Output Voltage Swing VOH (RL = 10 kW) VOL (RL = 10 kW) Power Supply Current per Amplifier (ID) VCC = 2.0 V VCC = 3.3 V VCC = 5.0 V Unit mV 8.0 10 12 1.9 0.10 1.125 8.0 10 12 3.15 0.15 1.125 6.0 8.0 10 4.85 0.15 1.125 Vmin Vmax mA
Specifications at VCC = 3.3 V are guaranteed by the 2.0 V and 5.0 V tests. VEE = GND.
DC ELECTRICAL CHARACTERISTICS (VCC = + 5.0 V, VEE = Ground, TA = 25C, unless otherwise noted.)
Characteristic Input Offset Voltage (VCM 0 V to 0.5 V, VCM 1.0 V to 5.0 V) MC33201: TA = + 25C MC33201: TA = - 40 to +105C MC33201V: TA = - 55 to +125C MC33202: TA = + 25C MC33202: TA = - 40 to +105C MC33202V: TA = - 55 to +125C NCV33202V: TA = - 55 to +125C (Note 4) MC33204: TA = + 25C MC33204: TA = - 40 to +105C MC33204V: TA = - 55 to +125C NCV33204: TA = - 55 to +125C Input Offset Voltage Temperature Coefficient (RS = 50 W) TA = - 40 to +105C TA = - 55 to +125C Input Bias Current (VCM = 0 V to 0.5 V, VCM = 1.0 V to 5.0 V) TA = + 25C TA = - 40 to +105C TA = - 55 to +125C Figure 3 Symbol VIO Min - - - - - - - - - - - - - - - - Typ - - - - - - - - - - - 2.0 2.0 80 100 - Max 6.0 9.0 13 8.0 11 14 14 10 13 17 17 - - 200 250 500 mV/C Unit mV
4
DVIO/DT
5, 6
IIB
nA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. The differential input voltage of each amplifier is limited by two internal parallel back-to-back diodes. For additional differential input voltage range, use current limiting resistors in series with the input pins. 2. The input common mode voltage range is limited by internal diodes connected from the inputs to both supply rails. Therefore, the voltage on either input must not exceed either supply rail by more than 500 mV. 3. Power dissipation must be considered to ensure maximum junction temperature (TJ) is not exceeded. (See Figure 2) 4. NCV33202 and NCV33204 are qualified for automotive use.
http://onsemi.com
3
MC33201, MC33202, MC33204, NCV33202, NCV33204
DC ELECTRICAL CHARACTERISTICS (cont.) (VCC = + 5.0 V, VEE = Ground, TA = 25C, unless otherwise noted.)
Characteristic Input Offset Current (VCM = 0 V to 0.5 V, VCM = 1.0 V to 5.0 V) TA = + 25C TA = - 40 to +105C TA = - 55 to +125C Common Mode Input Voltage Range Large Signal Voltage Gain (VCC = + 5.0 V, VEE = - 5.0 V) RL = 10 kW RL = 600 W Output Voltage Swing (VID = 0.2 V) RL = 10 kW RL = 10 kW RL = 600 W RL = 600 W Common Mode Rejection (Vin = 0 V to 5.0 V) Power Supply Rejection Ratio VCC/VEE = 5.0 V/GND to 3.0 V/GND Output Short Circuit Current (Source and Sink) Power Supply Current per Amplifier (VO = 0 V) TA = - 40 to +105C TA = - 55 to +125C Figure - Symbol IIO Min - - - VEE 50 25 4.85 - 4.75 - 60 500 13, 14 15 ISC ID 50 - - Typ 5.0 10 - - 300 250 4.95 0.05 4.85 0.15 90 25 80 0.9 0.9 Max 50 100 200 VCC - - V VOH VOL VOH VOL 11 12 CMR PSRR - - 1.125 1.125 - 0.15 - 0.25 - dB mV/V mA mA V kV/V Unit nA
- 7
VICR AVOL
8, 9, 10
AC ELECTRICAL CHARACTERISTICS (VCC = + 5.0 V, VEE = Ground, TA = 25C, unless otherwise noted.)
Characteristic Slew Rate (VS = 2.5 V, VO = - 2.0 V to + 2.0 V, RL = 2.0 kW, AV = +1.0) Gain Bandwidth Product (f = 100 kHz) Gain Margin (RL = 600 W, CL = 0 pF) Phase Margin (RL = 600 W, CL = 0 pF) Channel Separation (f = 1.0 Hz to 20 kHz, AV = 100) Power Bandwidth (VO = 4.0 Vpp, RL = 600 W, THD 1 %) Total Harmonic Distortion (RL = 600 W, VO = 1.0 Vpp, AV = 1.0) f = 1.0 kHz f = 10 kHz Open Loop Output Impedance (VO = 0 V, f = 2.0 MHz, AV = 10) Differential Input Resistance (VCM = 0 V) Differential Input Capacitance (VCM = 0 V) Equivalent Input Noise Voltage (RS = 100 W) f = 10 Hz f = 1.0 kHz Equivalent Input Noise Current f = 10 Hz f = 1.0 kHz 25 24 Figure 16, 26 17 20, 21, 22 20, 21, 22 23 Symbol SR 0.5 GBW AM OM CS BWP THD - - ZO Rin Cin en - - - - - - - 0.002 0.008 100 200 8.0 25 20 0.8 0.2 - - - - - - - - - W kW pF nV/ Hz pA/ Hz - - - - - 1.0 2.2 12 65 90 28 - - - - - - MHz dB Deg dB kHz % Min Typ Max Unit V/ms
25
in
http://onsemi.com
4
MC33201, MC33202, MC33204, NCV33202, NCV33204
PD(max) , MAXIMUM POWER DISSIPATION (mW 2500 8 and 14 Pin DIP Pkg 2000 1500 1000 500 SOIC-8 Pkg TSSOP-14 Pkg SO-14 Pkg PERCENTAGE OF AMPLIFIERS (%) 40 35 30 25 20 15 10 5.0 0 -10 - 8.0 - 6.0 - 4.0 - 2.0 0 2.0 4.0 6.0 VIO, INPUT OFFSET VOLTAGE (mV) 8.0 10 360 amplifiers tested from 3 (MC33204) wafer lots VCC = + 5.0 V VEE = Gnd TA = 25C DIP Package
0 - 55 - 40 - 25
0 25 50 85 TA, AMBIENT TEMPERATURE (C)
125
Figure 2. Maximum Power Dissipation versus Temperature
Figure 3. Input Offset Voltage Distribution
50 40 PERCENTAGE OF AMPLIFIERS (%) 30 20 10 0 - 50 - 40 - 30 - 20 360 amplifiers tested from 3 (MC33204) wafer lots VCC = + 5.0 V VEE = Gnd TA = 25C DIP Package
200 I IB , INPUT BIAS CURRENT (nA) VCC = + 5.0 V VEE = Gnd 160 120 80 VCM > 1.0 V 40 0 - 55 - 40 - 25
VCM = 0 V to 0.5 V
-10
0
10
20
30
40
50
0
25
70
85
125
TCV , INPUT OFFSET VOLTAGE TEMPERATURE COEFFICIENT (mV/C) IO
TA, AMBIENT TEMPERATURE (C)
Figure 4. Input Offset Voltage Temperature Coefficient Distribution
Figure 5. Input Bias Current versus Temperature
150 I IB , INPUT BIAS CURRENT (nA) 100 50 0 - 50 -100 -150 - 200 - 250 0 VCC = 12 V VEE = Gnd TA = 25C 2.0 4.0 6.0 8.0 10 VCM, INPUT COMMON MODE VOLTAGE (V) 12
A VOL , OPEN LOOP VOLTAGE GAIN (kV/V)
300 260 220 180 VCC = + 5.0 V VEE = Gnd RL = 600 W DVO = 0.5 V to 4.5 V 0 25 70 85 TA, AMBIENT TEMPERATURE (C) 105 125
140
100 - 55 - 40 - 25
Figure 6. Input Bias Current versus Common Mode Voltage
Figure 7. Open Loop Voltage Gain versus Temperature
http://onsemi.com
5
MC33201, MC33202, MC33204, NCV33202, NCV33204
VSAT, OUTPUT SATURATION VOLTAGE (V) 12 VO , OUTPUT VOLTAGE (Vpp ) 10 8.0 6.0 4.0 2.0 0 1.0 RL = 600 W TA = 25C VCC TA = - 55C TA = 125C TA = 25C VCC - 0.2 V VCC - 0.4 V VEE + 0.4 V TA = 25C TA = - 55C 0 5.0 10 IL, LOAD CURRENT (mA) 15 VEE + 0.2 V VEE 20
VCC = + 5.0 V VEE = - 5.0 V TA = 125C
2.0
3.0 4.0 5.0 VCC,VEE SUPPLY VOLTAGE (V)
6.0
Figure 8. Output Voltage Swing versus Supply Voltage
Figure 9. Output Saturation Voltage versus Load Current
CMR, COMMON MODE REJECTION (dB)
12 VO, OUTPUT VOLTAGE (Vpp )
100 80 60 40 20 0 VCC = + 6.0 V VEE = - 6.0 V TA = - 55 to +125C
9.0
6.0 VCC = + 6.0 V VEE = - 6.0 V RL = 600 W AV = +1.0 TA = 25C 10 k 100 k f, FREQUENCY (Hz) 1.0 M
3.0
0 1.0 k
10
100
1.0 k 10 k f, FREQUENCY (Hz)
100 k
1.0 M
Figure 10. Output Voltage versus Frequency
Figure 11. Common Mode Rejection versus Frequency
PSR, POWER SUPPLY REJECTION (dB)
120 100 PSR+ 80 60 PSR- 40 20 0 10 100 1.0 k 10 k f, FREQUENCY (Hz) 100 k 1.0 M VCC = + 6.0 V VEE = - 6.0 V TA = - 55 to +125C
I SC , OUTPUT SHORT CIRCUIT CURRENT (mA)
100 Source 80 60 Sink 40 20 0 VCC = + 6.0 V VEE = - 6.0 V TA = 25C 0 1.0 2.0 3.0 4.0 Vout, OUTPUT VOLTAGE (V) 5.0 6.0
Figure 12. Power Supply Rejection versus Frequency
Figure 13. Output Short Circuit Current versus Output Voltage
http://onsemi.com
6
MC33201, MC33202, MC33204, NCV33202, NCV33204
I SC , OUTPUT SHORT CIRCUIT CURRENT (mA) 150 125 100 75 50 25 0 - 55 - 40 - 25 VCC = + 5.0 V VEE = Gnd I CC , SUPPLY CURRENT PER AMPLIFIER (mA) 2.0 1.6 TA = 125C TA = 25C TA = - 55C 1.2 0.8 0.4 0 0
Source Sink
0 25 70 85 TA, AMBIENT TEMPERATURE (C)
105
125
1.0
2.0 3.0 4.0 5.0 VCC, VEE, SUPPLY VOLTAGE (V)
6.0
Figure 14. Output Short Circuit Current versus Temperature
Figure 15. Supply Current per Amplifier versus Supply Voltage with No Load
SR, SLEW RATE (V/ s)
1.5
VCC = + 2.5 V VEE = - 2.5 V VO = 2.0 V
GBW, GAIN BANDWIDTH PRODUCT (MHz)
2.0
4.0
VCC = + 2.5 V VEE = - 2.5 V f = 100 kHz
3.0
+Slew Rate 1.0 -Slew Rate 0.5
2.0
1.0
0 - 55 - 40 - 25
0
25
70
85
105
125
0 - 55 - 40 - 25
0
25
70
85
105
125
TA, AMBIENT TEMPERATURE (C)
TA, AMBIENT TEMPERATURE (C)
Figure 16. Slew Rate versus Temperature
Figure 17. Gain Bandwidth Product versus Temperature
A VOL, OPEN LOOP VOLTAGE GAIN (dB)
O , EXCESS PHASE (DEGREES)
50
80 120 1A
50 30
80 120 160
30 10 1A - Phase, CL = 0 pF 1B - Gain, CL = 0 pF 2A - Phase, CL = 300 pF 2B - Gain, CL = 300 pF 100 k 1.0 M 2A 2B 1B
1A 2A
160 200 240 10 M
10 1A - Phase, VS = 6.0 V 1B - Gain, VS = 6.0 V 2A - Phase, VS = 1.0 V 2B - Gain, VS = 1.0 V 100 k f, FREQUENCY (Hz) 2B
1B
-10
-10
200 240 10 M
- 30 10 k
- 30 10 k
1.0 M
f, FREQUENCY (Hz)
Figure 18. Voltage Gain and Phase versus Frequency
Figure 19. Voltage Gain and Phase versus Frequency
http://onsemi.com
7
O , EXCESS PHASE (DEGREES)
VS = 6.0 V TA = 25C RL = 600 W
A VOL, OPEN LOOP VOLTAGE GAIN (dB)
70
40
70
CL = 0 pF TA = 25C RL = 600 W
40
MC33201, MC33202, MC33204, NCV33202, NCV33204
70 O M , PHASE MARGIN (DEGREES) Phase Margin 60 50 40 30 20 10 0 - 55 - 40 - 25 Gain Margin 0 25 70 85 105 TA, AMBIENT TEMPERATURE (C) VCC = + 6.0 V VEE = - 6.0 V RL = 600 W CL = 100 pF 60 50 40 30 20 10 0 125 A , GAIN MARGIN (dB) M 70 O M , PHASE MARGIN (DEGREES) 75 60 45 30 15 0 10 100 1.0 k 10 k RT, DIFFERENTIAL SOURCE RESISTANCE (W) VCC = + 6.0 V VEE = - 6.0 V TA = 25C Phase Margin 75 60 45 30 15 0 100 k A , GAIN MARGIN (dB) M i n , INPUT REFERRED NOISE CURRENT (pA/ Hz)
Gain Margin
Figure 20. Gain and Phase Margin versus Temperature
Figure 21. Gain and Phase Margin versus Differential Source Resistance
80 O M , PHASE MARGIN (DEGREES) 70 60 50 40 30 20 10 0 10 100 CL, CAPACITIVE LOAD (pF) Gain Margin Phase Margin VCC = + 6.0 V VEE = - 6.0 V RL = 600 W AV = 100 TA = 25C
16 CS, CHANNEL SEPARATION (dB) 14 A , GAIN MARGIN (dB) M 12 10 8.0 6.0 4.0 2.0 0 1.0 k
150 120 90 60 30 0 100 VCC = + 6.0 V VEE = - 6.0 V VO = 8.0 Vpp TA = 25C 1.0 k f, FREQUENCY (Hz) 10 k AV = 10 AV = 100
Figure 22. Gain and Phase Margin versus Capacitive Load
Figure 23. Channel Separation versus Frequency
10
en , EQUIVALENT INPUT NOISE VOLTAGE (nV/ Hz)
THD, TOTAL HARMONIC DISTORTION (%)
1.0
VCC = + 5.0 V TA = 25C VO = 2.0 Vpp AV = 1000
VEE = - 5.0 V RL = 600 W
50 40 30 20 10 Noise Current 0 10 100 1.0 k f, FREQUENCY (Hz) 10 k Noise Voltage VCC = + 6.0 V VEE = - 6.0 V TA = 25C
5.0 4.0 3.0 2.0 1.0 0 100 k
0.1
AV = 100 AV = 10
0.01 AV = 1.0 100 1.0 k f, FREQUENCY (Hz) 10 k 100 k
0.001 10
Figure 24. Total Harmonic Distortion versus Frequency
Figure 25. Equivalent Input Noise Voltage and Current versus Frequency
http://onsemi.com
8
MC33201, MC33202, MC33204, NCV33202, NCV33204
DETAILED OPERATING DESCRIPTION General Information The MC33201/2/4 family of operational amplifiers are unique in their ability to swing rail-to-rail on both the input and the output with a completely bipolar design. This offers low noise, high output current capability and a wide common mode input voltage range even with low supply voltages. Operation is guaranteed over an extended temperature range and at supply voltages of 2.0 V, 3.3 V and 5.0 V and ground. Since the common mode input voltage range extends from VCC to VEE, it can be operated with either single or split voltage supplies. The MC33201/2/4 are guaranteed not to latch or phase reverse over the entire common mode range, however, the inputs should not be allowed to exceed maximum ratings. Circuit Information Rail-to-rail performance is achieved at the input of the amplifiers by using parallel NPN-PNP differential input stages. When the inputs are within 800 mV of the negative rail, the PNP stage is on. When the inputs are more than 800 mV greater than VEE, the NPN stage is on. This switching of input pairs will cause a reversal of input bias currents (see Figure 6). Also, slight differences in offset voltage may be noted between the NPN and PNP pairs. Cross-coupling techniques have been used to keep this change to a minimum. In addition to its rail-to-rail performance, the output stage is current boosted to provide 80 mA of output current, enabling the op amp to drive 600 W loads. Because of this high output current capability, care should be taken not to exceed the 150C maximum junction temperature.
V , OUTPUT VOLTAGE (2.0 mV/DIV) O
t, TIME (5.0 ms/DIV)
V , OUTPUT VOLTAGE (50 mV/DIV) O
VCC = + 6.0 V VEE = - 6.0 V RL = 600 W CL = 100 pF TA = 25C
VCC = + 6.0 V VEE = - 6.0 V RL = 600 W CL = 100 pF TA = 25C
t, TIME (10 ms/DIV)
Figure 26. Noninverting Amplifier Slew Rate
Figure 27. Small Signal Transient Response
V , OUTPUT VOLTAGE (2.0 V/DIV) O
VCC = + 6.0 V VEE = - 6.0 V RL = 600 W CL = 100 pF AV = 1.0 TA = 25C
t, TIME (10 ms/DIV)
Figure 28. Large Signal Transient Response
Surface mount board layout is a critical portion of the total design. The footprint for the semiconductor packages must be the correct size to ensure proper solder connection interface
between the board and the package. With the correct pad geometry, the packages will self-align when subjected to a solder reflow process.
http://onsemi.com
9
MC33201, MC33202, MC33204, NCV33202, NCV33204
ORDERING INFORMATION
Operational Amplifier Function Device MC33201D MC33201DG MC33201DR2 MC33201DR2G Single MC33201P MC33201PG MC33201VD MC33201VDG MC33202D MC33202DG MC33202DR2 MC33202DR2G MC33202DMR2 MC33202DMR2G MC33202P MC33202PG Dual MC33202VD MC33202VDG MC33202VDR2 MC33202VDR2G NCV33202VDR2* NCV33202VDR2G* MC33202VP MC33202VPG TA = -55 to 125C TA= -40 to +105C TA = -55 to 125C TA= -40 to +105C Operating Temperature Range Package SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) Micro-8 Micro-8 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) 50 Units / Rail 98 Units / Rail 50 Units / Rail 4000 / Tape & Reel 2500 / Tape & Reel 50 Units / Rail 2500 / Tape & Reel 98 Units / Rail Shipping
98 Units / Rail
2500 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *NCV33202 and NCV33204 are qualified for automotive use.
http://onsemi.com
10
MC33201, MC33202, MC33204, NCV33202, NCV33204
ORDERING INFORMATION (continued)
Operational Amplifier Function Device MC33204D MC33204DG MC33204DR2 MC33204DR2G MC33204DTB MC33204DTBG MC33204DTBR2 MC33204DTBR2G MC33204P MC33204PG Quad MC33204VD MC33204VDG MC33204VDR2 MC33204VDR2G NCV33204DR2** NCV33204DR2G** NCV33204DTBR2** NCV33204DTBR2G** MC33204VP MC33204VPG TA= -40 to +105C Operating Temperature Range Package SO-14 SO-14 (Pb-Free) SO-14 SO-14 (Pb-Free) TSSOP-14* TSSOP-14* TSSOP-14* TSSOP-14* PDIP-14 PDIP-14 (Pb-Free) SO-14 SO-14 (Pb-Free) SO-14 SO-14 (Pb-Free) TA = -55 to 125C SO-14 SO-14 (Pb-Free) TSSOP-14* TSSOP-14* PDIP-14 PDIP-14 (Pb-Free) 25 Units / Rail 2500 / Tape & Reel 55 Units / Rail 25 Units / Rail 2500 / Tape & Reel 55 Units / Rail Shipping
96 Units / Rail
2500 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free. **NCV33202 and NCV33204 are qualified for automotive use.
http://onsemi.com
11
MC33201, MC33202, MC33204, NCV33202, NCV33204
MARKING DIAGRAMS
SOIC-8 D SUFFIX CASE 751 8 3320x ALYW G SOIC-8 VD SUFFIX CASE 751 8 320xV ALYW G PDIP-8 P SUFFIX CASE 626 PDIP-8 VP SUFFIX CASE 626 8 MC3320xP AWL YYWWG 1 SO-14 VD SUFFIX CASE 751A 14 MC33204VDG AWLYWW 1 14 PDIP-14 P SUFFIX CASE 646 14 MC33204P AWLYYWWG 1 1 1 x = 1 or 2 A = Assembly Location WL, L = Wafer Lot YY, Y = Year WW, W = Work Week G = Pb-Free Package G = Pb-Free Package (Note: Microdot may be in either location) *This marking diagram applies to NCV3320x MC33204VP AWLYYWWG 1 PDIP-14 VP SUFFIX CASE 646 14 MC33202VP AWL YYWWG 1 Micro-8 DM SUFFIX CASE 846A 8 3202 AYWG G 1 TSSOP-14 DTB SUFFIX CASE 948G 14 MC33 204V ALYWG G 1 SO-14 D SUFFIX CASE 751A 14 MC33204DG AWLYWW
*
8
1
1
*
MC33 204 ALYWG G
*
http://onsemi.com
12
MC33201, MC33202, MC33204, NCV33202, NCV33204
PACKAGE DIMENSIONS
PDIP-8 P, VP SUFFIX CASE 626-05 ISSUE L
NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. DIM A B C D F G H J K L M N MILLIMETERS MIN MAX 9.40 10.16 6.10 6.60 3.94 4.45 0.38 0.51 1.02 1.78 2.54 BSC 0.76 1.27 0.20 0.30 2.92 3.43 7.62 BSC --- 10_ 0.76 1.01 INCHES MIN MAX 0.370 0.400 0.240 0.260 0.155 0.175 0.015 0.020 0.040 0.070 0.100 BSC 0.030 0.050 0.008 0.012 0.115 0.135 0.300 BSC --- 10_ 0.030 0.040
8
5
-B-
1 4
F
NOTE 2
-A-
L
C -T-
SEATING PLANE
J N D K
M
M TA B
H
G 0.13 (0.005)
M M
http://onsemi.com
13
MC33201, MC33202, MC33204, NCV33202, NCV33204
PACKAGE DIMENSIONS
SOIC-8 NB CASE 751-07 ISSUE AH
-X-
A
8 5
B
1
S
4
0.25 (0.010)
M
Y
M
-Y- G
K
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. 751-01 THRU 751-06 ARE OBSOLETE. NEW STANDARD IS 751-07. MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.33 0.51 1.27 BSC 0.10 0.25 0.19 0.25 0.40 1.27 0_ 8_ 0.25 0.50 5.80 6.20 INCHES MIN MAX 0.189 0.197 0.150 0.157 0.053 0.069 0.013 0.020 0.050 BSC 0.004 0.010 0.007 0.010 0.016 0.050 0_ 8_ 0.010 0.020 0.228 0.244
C -Z- H D 0.25 (0.010)
M SEATING PLANE
N
X 45 _
0.10 (0.004)
M
J
ZY
S
X
S
DIM A B C D G H J K M N S
SOLDERING FOOTPRINT*
1.52 0.060
7.0 0.275
4.0 0.155
0.6 0.024
1.270 0.050
SCALE 6:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
14
MC33201, MC33202, MC33204, NCV33202, NCV33204
PACKAGE DIMENSIONS
Micro8 DM SUFFIX CASE 846A-02 ISSUE G
D
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. 846A-01 OBSOLETE, NEW STANDARD 846A-02. MILLIMETERS NOM MAX -- 1.10 0.08 0.15 0.33 0.40 0.18 0.23 3.00 3.10 3.00 3.10 0.65 BSC 0.40 0.55 0.70 4.75 4.90 5.05 MIN -- 0.05 0.25 0.13 2.90 2.90 INCHES NOM -- 0.003 0.013 0.007 0.118 0.118 0.026 BSC 0.016 0.021 0.187 0.193 MIN -- 0.002 0.010 0.005 0.114 0.114
HE
E
PIN 1 ID
e
b 8 PL 0.08 (0.003)
M
TB
S
A
S
-T- PLANE 0.038 (0.0015) A1
SEATING
A c L
DIM A A1 b c D E e L HE
MAX 0.043 0.006 0.016 0.009 0.122 0.122 0.028 0.199
SOLDERING FOOTPRINT*
8X
1.04 0.041
0.38 0.015
8X
3.20 0.126
4.24 0.167
5.28 0.208
6X
0.65 0.0256
SCALE 8:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
15
MC33201, MC33202, MC33204, NCV33202, NCV33204
PACKAGE DIMENSIONS
PDIP-14 CASE 646-06 ISSUE P
14
8
B
1 7
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. INCHES MIN MAX 0.715 0.770 0.240 0.260 0.145 0.185 0.015 0.021 0.040 0.070 0.100 BSC 0.052 0.095 0.008 0.015 0.115 0.135 0.290 0.310 --- 10 _ 0.015 0.039 MILLIMETERS MIN MAX 18.16 19.56 6.10 6.60 3.69 4.69 0.38 0.53 1.02 1.78 2.54 BSC 1.32 2.41 0.20 0.38 2.92 3.43 7.37 7.87 --- 10 _ 0.38 1.01
A F N -T-
SEATING PLANE
L C
H
G
D 14 PL
K
M
J M
DIM A B C D F G H J K L M N
0.13 (0.005)
http://onsemi.com
16
MC33201, MC33202, MC33204, NCV33202, NCV33204
SOIC-14 CASE 751A-03 ISSUE H
-A-
14 8
-B-
P 7 PL 0.25 (0.010)
M
B
M
1
7
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION.
G C -T-
SEATING PLANE
R X 45 _
F
D 14 PL 0.25 (0.010)
K
M
M
S
J
TB
A
S
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX 8.55 8.75 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.228 0.244 0.010 0.019
SOLDERING FOOTPRINT*
7X
7.04 1 0.58
14X
14X
1.52
1.27 PITCH
DIMENSIONS: MILLIMETERS
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
17
MC33201, MC33202, MC33204, NCV33202, NCV33204
PACKAGE DIMENSIONS
TSSOP-14 CASE 948G-01 ISSUE B
14X K REF
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V
S
N
2X
L/2
14
8
0.25 (0.010) M
L
PIN 1 IDENT. 1 7
B -U-
N F DETAIL E K
0.15 (0.006) T U
S
J J1
SECTION N-N -W-
C 0.10 (0.004) -T- SEATING
PLANE
D
G
H
DETAIL E
SOLDERING FOOTPRINT*
7.06 1
0.36
14X
14X
1.26
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
18
CCC EEE CCC EEE CCC
A -V-
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. DIM A B C D F G H J J1 K K1 L M MILLIMETERS MIN MAX 4.90 5.10 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.50 0.60 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.193 0.200 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.020 0.024 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
K1
0.65 PITCH
DIMENSIONS: MILLIMETERS
MC33201, MC33202, MC33204, NCV33202, NCV33204
Micro8 is a trademark of International Rectifier.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
19
MC33201/D


▲Up To Search▲   

 
Price & Availability of MC3320106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X